Part Number Hot Search : 
TDA726 ICS29110 ANT24 1100E C7136MVF MC74HC1 TD62309 1H103J
Product Description
Full Text Search
 

To Download 2CW032200JL-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2CW032XXXJL-R
2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
DESCRIPTION
2CW032XXXJL-R series are low-power zener diode chips for plastic package that fabricated in silicon epitaxial planar technology. The series is asymmetrical regulator voltage chips, that is the upper limit and lower limit is asymmetrical, e.g. Vz=3.0V chips: the upper limit is 3.25V, the lower limit Is 2.95V ,the specification design is better suitable for user's using habit. The chip thickness is 180m or 150m. The top electrode material is Al, and the back-side electrode material is Au. Chip size: 0.32 X 0.32 (mm) . Pad Size: 0.18 X 0.18 (mm) .
2 2
2CW032XXXJL-R CHIP TOPOGRAPHY
ABSOLUTE MAXIMUM RATINGS
Characteristics Junction Temperature Storage Temperature Symbol Tj Tstg Test conditions ------Value 175 -55~+175 Unit C C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.05.05 Page 1 of 2
2CW032XXXJL-R
ELECTRICAL CHARACTERISTICS (For packaged diodes, Tamb=25C)
Working Voltage@Izt=5mA Reverse leakage Dynamic resistance Zzk()@ Vz(V) Izk=1mA Max. 1.80~2.15 2.08~2.33 2.30~2.65 2.65~2.95 2.95~3.25 3.25~3.55 3.6~3.845 3.89~4.16 4.17~4.43 4.55~4.75 4.98~5.2 5.49~5.73 6.06~6.33 6.65~6.93 7.28~7.60 8.02~8.36 8.85~9.23 9.77~10.21 10.76~11.22 11.74~12.24 12.91~13.49 14.34~14.98 15.85~16.51 17.56~18.35 19.52~20.39 21.54~22.47 23.72~24.78 26.19~27.53 29.19~30.69 32.15~33.79 600 600 600 600 600 600 600 600 600 500 480 400 150 80 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 Zzt()@ Izt=5mA Max. 100 100 85 85 85 85 85 85 80 70 50 30 10 8 7 7 10 15 20 20 26 30 40 45 55 55 70 80 80 80 current @ Tamb=25C@ VR IR(A) Max. 90 90 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.1 6.8 7.5 8.2 9.0 9.7 11 12 14 15 17 18 20 22 24 27 VR(V)
Type
2CW032 XXXJL-R 2CW032020JL-R 2CW032022JL-R 2CW032024JL-R 2CW032027JL-R 2CW032030JL-R 2CW032033JL-R 2CW032036JL-R 2CW032039JL-R 2CW032043JL-R 2CW032047JL-R 2CW032051JL-R 2CW032056JL-R 2CW032062JL-R 2CW032068JL-R 2CW032075JL-R 2CW032082JL-R 2CW032091JL-R 2CW032100JL-R 2CW032110JL-R 2CW032120JL-R 2CW032130JL-R 2CW032150JL-R 2CW032160JL-R 2CW032180JL-R 2CW032200JL-R 2CW032220JL-R 2CW032240JL-R 2CW032270JL-R 2CW032300JL-R 2CW032330JL-R
35.07~36.87 220 80 2CW032360JL-R Forward Voltage VF= 1.0 V Maximum @ IF = 100 mA for all 2CW032XXXJL-R series.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.05.05 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2CW032200JL-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X